データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STLQ50C33R データシート(PDF) 13 Page - STMicroelectronics

部品番号 STLQ50C33R
部品情報  50 mA, 3 μA supply current low drop linear regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLQ50C33R データシート(HTML) 13 Page - STMicroelectronics

Back Button STLQ50C33R Datasheet HTML 9Page - STMicroelectronics STLQ50C33R Datasheet HTML 10Page - STMicroelectronics STLQ50C33R Datasheet HTML 11Page - STMicroelectronics STLQ50C33R Datasheet HTML 12Page - STMicroelectronics STLQ50C33R Datasheet HTML 13Page - STMicroelectronics STLQ50C33R Datasheet HTML 14Page - STMicroelectronics STLQ50C33R Datasheet HTML 15Page - STMicroelectronics STLQ50C33R Datasheet HTML 16Page - STMicroelectronics STLQ50C33R Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
STLQ50XX
Package mechanical data
13/18
Dim.
mm.
mils.
Min.
Typ.
Max.
Min.
Typ.
Max.
A0.80
1.10
31.5
43.3
A1
0.00
0.10
0.0
3.9
A2
0.80
1.00
31.5
39.4
b
0.15
0.305.9
11.8
C
0.10
0.183.9
7.1
D1.80
2.20
70.986.6
E1.80
2.40
70.994.5
E1
1.15
1.35
45.3
53.1
e
0.65
25.6
e1
1.3
51.2
L
0.10
0.30
3.9
11.8
SOT323-5L mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18