| データシートサーチシステム |
|
SN8P1602A データシート(PDF) 2 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SN8P1602A データシート(HTML) 2 Page - SONiX Technology Company |
|
2 / 76 page ![]() SN8P1602B 8-Bit Micro-Controller SONiX TECHNOLOGY CO., LTD Version 1.1 AMENDENT HISTORY Version Date Description VER 1.0 Sep. 2003 V1.0 First Issue VER 1.1 Sep. 2003 1. Remove approval sheet 2. Remove PCB layout notice section. 3. Modify the description of code option notice. 4. Add the description of PEDGE register. 5. Modify the description of INTRQ register. 6. Change operating voltage range from “2.2V ~ 5.5V” to “2.4V ~ 5.5V” at Fosc=3.579545 MHz, ambient temperature = 25 °C. |