| データシートサーチシステム |
|
SN8P1602A データシート(PDF) 35 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SN8P1602A データシート(HTML) 35 Page - SONiX Technology Company |
|
35 / 76 page ![]() SN8P1602B 8-Bit Micro-Controller SONiX TECHNOLOGY CO., LTD Page 35 Version 1.1 6 6 6 POWER ON RESET OVERVIEW SN8P1602B provides two system resets. One is external reset and the other is internal low voltage detector (LVD). The external reset is a simple RC circuit connecting to the reset pin. The low voltage detector (LVD) is built in internal circuit. When one of the reset devices occurs, the system will reset and the system registers become initial value. The timing diagram is as the following. VDD External Reset Internal Reset Signal End of LVD Reset LVD End of External Reset LVD Detect Level External Reset Detect Level SN8P1602B power on reset timing diagram |