データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TFB2002B データシート(PDF) 9 Page - Texas Instruments

部品番号 TFB2002B
部品情報  FUTUREBUS I/O CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TFB2002B データシート(HTML) 9 Page - Texas Instruments

Back Button TFB2002B Datasheet HTML 5Page - Texas Instruments TFB2002B Datasheet HTML 6Page - Texas Instruments TFB2002B Datasheet HTML 7Page - Texas Instruments TFB2002B Datasheet HTML 8Page - Texas Instruments TFB2002B Datasheet HTML 9Page - Texas Instruments TFB2002B Datasheet HTML 10Page - Texas Instruments TFB2002B Datasheet HTML 11Page - Texas Instruments TFB2002B Datasheet HTML 12Page - Texas Instruments TFB2002B Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TFB2002BI
FUTUREBUS+ I/O CONTROLLER
SLLS182 – AUGUST 1994
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.75
5
5.25
V
High-level input voltage, VIH
2
VCC
V
Low-level input voltage, VIL
– 0.5
0.8
V
Operating free-air temperature range, TA
–20
85
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
MACRO
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT
Input threshold voltage
IPI04LK
VI = VCC or0V,
1.3
V
VIT +
Positive-going input threshold voltage
IPI09LK
VI = VCC or 0 V,
II = ± 1 µA,
1.6
V
VIT –
Negative-going input threshold voltage
IPI09LK
CL = 7.4 pF
1.2
V
VOL
Low-level output voltage (open drain)
OPI82LK
IOL = 8 mA
0.5
V
VOH
High-level output voltage
OPI43LK
IOH = – 4 mA
3.7
V
VOL
Low-level output voltage
OPI43LK
IOL = 4 mA
0.5
V
VOH
High-level output voltage
OPI83LK
IOH = – 8 mA
3.7
V
VOL
Low-level output voltage
OPI83LK
IOL = 8 mA
0.5
V
VOH
High-level output voltage
OPIH3LK
IOH = – 12 mA
3.7
V
VOL
Low-level output voltage
OPIH3LK
IOL = 12 mA
0.5
V
VOH
High-level output voltage
OPJ83LK
IOH = – 8 mA
3.7
V
VOL
Low-level output voltage
OPJ83LK
IOL = 8 mA
0.5
V
macros
Table 1 lists the internal and external buffer macros used in the TFB2002BI design. To use this table, find the
pin of interest and note the macro name(s). If there is an entry only in the input macro column, the pin is an input.
If there is an entry only in the output macro column, the pin is an output. If there is an entry in both columns,
this is a 3-state bidirectional pin. The macro(s) are also listed in the electrical characteristics table.
Table 1. TFB2002BI (IOC) Pin Names and Macro Numbers
PIN NAME
INPUT MACRO
OUTPUT MACRO
PIN NAME
INPUT MACRO
OUTPUT MACRO
ADDRV*
OPIH3LK
BUSI*
OPI43LK
ADRCV
OPIH3LK
CA < 11:0 >
IPI04LK
AII
IPI04LK
CAI < 2:0 >
IPI04LK
AIO
OPI43LK
CAO < 2:0 >
OPI43LK
AKI
IPI04LK
CCE*
IPI04LK
AKO
OPI43LK
CD < 7:0 >
IPI04LK
OPJ83LK
AQI
IPI04LK
CDP
IPI04LK
OPJ83LK
ARBERR < 1:0 >
IPI04LK
CLK
IPI04LK
ARI
IPI04LK
CM < 7:0 >
IPI04LK
OPI43LK
ASI
IPI04LK
CMWR*
OPI43LK
ASO
OPI43LK
COE*
IPI04LK
BINIT*
OPI43LK
CP
IPI04LK
OPI43LK
BSTAT < 1:0 >*
IPI04LK
OPIH3LK
CWE*
IPI04LK
BSTRDY*
IPI04LK
OPIH3LK
DATAAV*
IPI04LK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com