| データシートサーチシステム |
|
SN8P1602AS データシート(PDF) 14 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SN8P1602AS データシート(HTML) 14 Page - SONiX Technology Company |
|
14 / 94 page ![]() SN8P1600 8-bit micro-controller SONiX TECHNOLOGY CO., LTD Page 14 Revision 1.94 PIN CIRCUIT DIAGRAMS SN8P1602/1603 Port0 structure Pin Int. bus Pin Int. bus PnM Latch Port1, 2 structure PnM PnM Port0 structure Pin Int. bus Pin Int. bus PnM Latch Port1, 2 structure PnM PnM Note: All of the latch output circuits are push-pull structures. SN8P1604 Port0 structure PUR Code Option Pin Int. bus PUR PnM, Code Option Pin Int. bus PnM Latch Port1,2, 5 structure PnM PnM Port0 structure PUR Code Option Pin Int. bus PUR PnM, Code Option Pin Int. bus PnM Latch Port1,2, 5 structure PnM PnM Note: The internal pull-up resistor of the SN8P1604 can be enabled by the code option. |