| データシートサーチシステム |
|
SN8P1602AS データシート(PDF) 72 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SN8P1602AS データシート(HTML) 72 Page - SONiX Technology Company |
|
72 / 94 page ![]() SN8P1600 8-bit micro-controller SONiX TECHNOLOGY CO., LTD Page 72 Revision 1.94 I/O PORT FUNCTION TABLE SN8P1602/1603 Port/Pin I/O Function Description Remark General-purpose input function External interrupt (INT0) Falling edge P0.0 I Wakeup for power down mode Low level General-purpose input/output function P1.0~P1.4 I/O Wakeup for power down mode Low level P2.0~P2.7 I/O General-purpose input/output function Note: The P1.4 enables when the external oscillator is RC type. SN8P1604 Port/Pin I/O Function Description Remark General-purpose input function External interrupt (INT0) Falling edge P0.0 I Wakeup for power down mode Low level P0.1 I Wakeup for power down mode Low level General-purpose input/output function P1.0~P1.7 I/O Wakeup for power down mode Low level P2.0~P2.7 I/O General-purpose input/output function P5.0~P5.3 I/O General-purpose input/output function |