| データシートサーチシステム |
|
SN8P1602AX データシート(PDF) 44 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SN8P1602AX データシート(HTML) 44 Page - SONiX Technology Company |
|
44 / 94 page ![]() SN8P1600 8-bit micro-controller SONiX TECHNOLOGY CO., LTD Page 44 Revision 1.94 SYSTEM OSCILLATOR CIRCUITS MCU XIN VDD XOUT VSS CRYSTAL 20PF 20PF Crystal/Ceramic Oscillator MCU XIN VDD VSS XOUT C R RC Oscillator XIN VDD MCU VSS XOUT External Clock Input External clock input Note1: The VDD and VSS of external oscillator circuit must be from micro-controller. Don’t connect them from power terminal. Note2: The external clock input mode can select RC type oscillator or crystal type oscillator of the code option and input the external clock into XIN pin. Note3: In RC type oscillator code option situation, the external clock frequency is divided by 2. |