| データシートサーチシステム |
|
SN8P1602AX データシート(PDF) 56 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SN8P1602AX データシート(HTML) 56 Page - SONiX Technology Company |
|
56 / 94 page ![]() SN8P1600 8-bit micro-controller SONiX TECHNOLOGY CO., LTD Page 56 Revision 1.94 TIMER1 (TC1) (SN8P1604 Only) OVERVIEW The timer counter 1 (TC1) is used to generate an interrupt request when a specified time interval has elapsed. TC1 has a auto re-loadable counter that consists of two parts: an 8-bit reload register (TC1R) into which you write the counter reference value, and an 8-bit counter register (TC1C) whose value is automatically incremented by counter logic. The main purposes of the TC1 timer is as following. 8-bit programmable timer: Generates interrupts at specific time intervals based on the selected clock frequency. Arbitrary frequency output (Buzzer output): Outputs selectable clock frequencies to the BZ1 pin (P5.3). PWM function: PWM output can be generated by the PWM1OUT bit and output to PWM1 pin (P5.3). CPUM0 TC1R reload data buffer TC1enb TC1C 8-bit binary counter TC1 Time out load Aload1 Auto. reload P5.3 ÷2 TC1out Internal P5.3 I/O circuit S R Compare PWM1OUT PWM Buzzer ÷2(8-TC1Rate) fcpu CPUM0 TC1R reload data buffer TC1enb TC1C 8-bit binary counter TC1 Time out load Aload1 Auto. reload P5.3 ÷2 TC1out Internal P5.3 I/O circuit S R Compare PWM1OUT PWM Buzzer ÷2(8-TC1Rate) fcpu |