データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM320C31GFAM40 データシート(PDF) 21 Page - Texas Instruments

部品番号 SM320C31GFAM40
部品情報  DIGITAL SIGNAL PROCESSORS
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C31GFAM40 データシート(HTML) 21 Page - Texas Instruments

Back Button SM320C31GFAM40 Datasheet HTML 17Page - Texas Instruments SM320C31GFAM40 Datasheet HTML 18Page - Texas Instruments SM320C31GFAM40 Datasheet HTML 19Page - Texas Instruments SM320C31GFAM40 Datasheet HTML 20Page - Texas Instruments SM320C31GFAM40 Datasheet HTML 21Page - Texas Instruments SM320C31GFAM40 Datasheet HTML 22Page - Texas Instruments SM320C31GFAM40 Datasheet HTML 23Page - Texas Instruments SM320C31GFAM40 Datasheet HTML 24Page - Texas Instruments SM320C31GFAM40 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
SMJ320C31, SMJ320LC31, SMQ320LC31
DIGITAL SIGNAL PROCESSORS
SGUS026G − APRIL 1998 − REVISED SEPTEMBER 2006
21
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
memory read/write timing
The following table defines memory read/write timing parameters for STRB.
timing parameters for memory (STRB = 0) read/write (see Figure 14 and Figure 15)†
NO.
’C31-40
’LC31-40
’C31-50
’C31-60
UNIT
NO.
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
12
td(H1L-SL)
Delay time, H1 low to STRB low
0*
6
0*
5
0*
5
ns
13
td(H1L-SH)
Delay time, H1 low to STRB high
0*
6
0*
5
0*
5
ns
14
td(H1H-RWL)R
Delay time, H1 high to R/W low (read)
0*
9
0*
7
0*
6
ns
15
td(H1L-A)
Delay time, H1 low to A valid
0*
10
0*
10
0*
8
ns
16
tsu(D-H1L)R
Setup time, D before H1 low (read)
14
10
9
ns
17
th(H1L-D)R
Hold time, D after H1 low (read)
0
0
0
ns
18
tsu(RDY-H1H)
Setup time, RDY before H1 high
8
6
5
ns
19
th(H1H-RDY)
Hold time, RDY after H1 high
0
0
0
ns
20
td(H1H-RWH)W
Delay time, H1 high to R/W high (write)
9
7
6
ns
21
tv(H1L-D)W
Valid time, D after H1 low (write)
17
14
12
ns
22
th(H1H-D)W
Hold time, D after H1 high (write)
0
0
0
ns
23
td(H1H-A)W
Delay time, H1 high to A valid on back-to-back
write cycles (write)
15
14
10
ns
24
td(A-RDY)
Delay time, RDY from A valid
7*
6*
6*
ns
† See Figure 16 for address bus timing variation with load capacitance greater than typical load-circuit capacitance (CT = 80 pF).
* This parameter is not production tested.
12
14
15
13
16
17
19
18
H3
H1
R/W
A
D
RDY
STRB
24
NOTE A: STRB remains low during back-to-back read operations.
Figure 14. Timing for Memory (STRB = 0) Read
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com