データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM320C31GFAM40 データシート(PDF) 13 Page - Texas Instruments

部品番号 SM320C31GFAM40
部品情報  DIGITAL SIGNAL PROCESSORS
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C31GFAM40 データシート(HTML) 13 Page - Texas Instruments

Back Button SM320C31GFAM40 Datasheet HTML 9Page - Texas Instruments SM320C31GFAM40 Datasheet HTML 10Page - Texas Instruments SM320C31GFAM40 Datasheet HTML 11Page - Texas Instruments SM320C31GFAM40 Datasheet HTML 12Page - Texas Instruments SM320C31GFAM40 Datasheet HTML 13Page - Texas Instruments SM320C31GFAM40 Datasheet HTML 14Page - Texas Instruments SM320C31GFAM40 Datasheet HTML 15Page - Texas Instruments SM320C31GFAM40 Datasheet HTML 16Page - Texas Instruments SM320C31GFAM40 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
SMJ320C31, SMJ320LC31, SMQ320LC31
DIGITAL SIGNAL PROCESSORS
SGUS026G − APRIL 1998 − REVISED SEPTEMBER 2006
13
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
absolute maximum ratings over specified temperature range (unless otherwise noted)†
’C31
’LC31
Supply voltage, VDD (see Note 1)
−0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
−0.3 V to 5 V
. . . . . . . . . .
Input voltage, VI
−0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
−0.3 V to 5 V
. . . . . . . . . .
Output voltage, VO
−0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
−0.3 V to 5 V
. . . . . . . . . .
Continuous power dissipation (worst case) (see Note 2)
1.7 W
. . . . . . . . . . . . . . . . . .
(for SMJ320C31-33)
850 mW
. . . . . . . . . . . . . .
(for SMJ320LC31-33)
Operating case temperature, TC
−55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
− −55
°C to 125°C
. . . . . .
Storage temperature, Tstg
− 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
− 65
°C to 150°C
. . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to VSS.
2. Actual operating power is less. This value was obtained under specially produced worst-case test conditions for the TMS320C31-33
and the TMS320LC31-33, which are not sustained during normal device operation. These conditions consist of continuous parallel
writes of a checkerboard pattern to both primary and extension buses at the maximum rate possible. See normal (ICC) current
specification in the electrical characteristics table and also read Calculation of TMS320C30 Power Dissipation Application Report
(literature number SPRA020).
recommended operating conditions (see Note 3)
’C31
’LC31
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VDD
Supply voltage (DVDD, etc.)
4.75
5
5.25
3.13
3.3
3.47
V
VSS
Supply voltage (CVSS, etc.)
0
0
V
VIH
High-level input voltage (except RESET)
2.1
VDD + 0.3*
1.8
VDD + 0.3*
V
VIH
High-level input voltage (RESET)
2.2
VDD + 0.3*
2.2
VDD + 0.3*
V
VIL
Low-level input voltage
− 0.3*
0.8
− 0.3*
0.6
V
IOH
High-level output current
− 300
− 300
µA
IOL
Low-level output current
2
2
mA
TC
Operating case temperature
’320C31-40
’320C31-50
’320C31-60
’320LC31-40
−55
−55
−55
125
125
105
−55
125
°C
VTH
High-level input voltage for CLKIN
3.0
VDD + 0.3*
2.5
VDD + 0.3*
V
* This parameter is not production tested.
NOTE 3: All voltage values are with respect to VSS. All input and output voltage levels are TTL-compatible. CLKIN can be driven by a CMOS
clock.
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com