データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS65232 データシート(PDF) 8 Page - Texas Instruments

部品番号 TPS65232
部品情報  TRIPLE BUCK POWER MANAGEMENT IC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65232 データシート(HTML) 8 Page - Texas Instruments

Back Button TPS65232 Datasheet HTML 4Page - Texas Instruments TPS65232 Datasheet HTML 5Page - Texas Instruments TPS65232 Datasheet HTML 6Page - Texas Instruments TPS65232 Datasheet HTML 7Page - Texas Instruments TPS65232 Datasheet HTML 8Page - Texas Instruments TPS65232 Datasheet HTML 9Page - Texas Instruments TPS65232 Datasheet HTML 10Page - Texas Instruments TPS65232 Datasheet HTML 11Page - Texas Instruments TPS65232 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
TPS65232
SLVSA42 – FEBRUARY 2010
www.ti.com
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Input voltage range at VIN
10.8
12
22
V
Input voltage range at VINB
4.75
6.1
Voltage range, EN_BCK1, EN_BCK2, EN_BCK3
0
3.3
V
TA
Ambient operating temperature
0
50
°C
ELECTRICAL CHARACTERISTICS
VIN = 12 V ±5%, VINB2, VINB3 = 5 V ±5%, TJ = 0°C to 150°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT VOLTAGE
VIN
Input supply voltage
10.8
12
22
V
VIN rising
10.8
UVLO VIN
UVLO threshold – VIN (main supply)
V
VIN falling
4.7
VINB rising
4.75
UVLO threshold – VINB
UVLO VINB
V
(BUCK2/BUCK3 supply)
VINB falling
4.25
INPUT CURRENT
All regulators/USB switches
ICCQ
Input supply current
4
mA
disabled
BUCK ENABLE INPUTS (EN_BCK1,2,3)
VEN
Enable threshold
1.2
V
VENHYS
Enable voltage hysteresis
100
mV
IPULLUP
Pull-up current
tEN = 0.2 ms/nF
6
mA
RD
Discharge resistor
1
k
tD
Discharge time
Power-up
5
ms
PWM CONTROLLER (BUCK1)
VOUT
Output voltage range(1)
3.3
6.1
V
VFB
Feedback voltage
–2%
0.804
2%
V
LDRV
High and low side drive voltage
No load
6
V
HDRV
R_ONLDRV
Low side ON resistance
8
R_OFFLDRV
Low side OFF resistance
1
R_ONHDRV
High side ON resistance
20
R_OFFHDRV
High side OFF resistance
1
d
Duty cycle(2)
20
80
%
AMOD
Modulator gain
12
fSW
Switching frequency
500
kHz
Current source for setting OCP trip
ITRIP
TA = 25°C
10
mA
point
TCTRIP
Temperature coefficient of ITRIP
3700
ppm/°C
RTRIP
Current-limit setting resistor
80
250
kW
COUT
Output capacitance
22(3)
mF
L
Nominal inductance
Recommended
4.7
mH
BUCK2
VOUT
Output voltage range(1)
0.9
3.3
V
VFB
Feedback voltage
– 2%
0.804
2%
V
(1)
Output voltage range is limited by the minimum and maximum duty cycle. VOUT(min) ~ d(min) x VINPUT and VOUT(max) ~ d(max) x
VINPUT.
(2)
Performance outside these limits is not guaranteed.
(3)
Absolute value. User should make allowances for tolerance and variations due to component selection.
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS65232
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com