データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDMS8670AS データシート(PDF) 19 Page - Texas Instruments

部品番号 FDMS8670AS
部品情報  Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

FDMS8670AS データシート(HTML) 19 Page - Texas Instruments

Back Button FDMS8670AS Datasheet HTML 15Page - Texas Instruments FDMS8670AS Datasheet HTML 16Page - Texas Instruments FDMS8670AS Datasheet HTML 17Page - Texas Instruments FDMS8670AS Datasheet HTML 18Page - Texas Instruments FDMS8670AS Datasheet HTML 19Page - Texas Instruments FDMS8670AS Datasheet HTML 20Page - Texas Instruments FDMS8670AS Datasheet HTML 21Page - Texas Instruments FDMS8670AS Datasheet HTML 22Page - Texas Instruments FDMS8670AS Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
(
)
-
=
´
´
´
IN
OUT
OUT
LOAD(LL)
X
IN
SW
V
V
V
1
I
2 L
V
f
´
=
£
p ´
´
´
C
C
SW
0
X
OUT
R
C
f
f
2
G L
C
3
Control
Logic
and
Driver
LX
COUT
RLOAD
UDG-10198
9
CC1
VIN
14
13
11
SW
DRVH
DRVL
VDDQSNS
G
8
REFIN
6
VREF
+
1.8 V
RC1
CC2
RC2
R1
R2
TPS51916
VDDQ
Σ
+
PWM
TPS51916
www.ti.com
SLUSAE1D – DECEMBER 2010 – REVISED JUNE 2012
D-CAP2™ Mode Operation
Figure 37 shows simplified model of D-CAP2™ architecture.
Figure 37. Simplified Modulator Using D-CAP2™ Mode
The D-CAP2™ mode in the TPS51916 includes an internal feedback network enabling the use of very low ESR
output capacitor(s) such as multi-layer ceramic capacitors. The role of the internal network is to sense the ripple
component of the inductor current information and combine it with voltage feedback signal. Using RC1=RC2≡RC
and CC1=CC2≡CC, 0-dB frequency of the D-CAP2™ mode is given by Equation 3. It is recommended that the 0-
dB frequency (f0) be lower than 1/3 of the switching frequency to secure the proper phase margin
where
•
G is gain of the amplifier which amplifies the ripple current information generated by the compensation
circuit
(3)
The typical G value is 0.25, and typical RCCC time constant values for 500 kHz and 670 kHz operation are 23 µs
and 14.6 µs, respectively.
For example, when fSW=500 kHz and LX=1 µH, COUT should be larger than 88 µF.
When selecting the capacitor, pay attention to its characteristics. For MLCC use X5R or better dielectric and
consider the derating of the capacitance by both DC bias and AC bias. When derating by DC bias and AC bias
are 80% and 50%, respectively, the effective derating is 40% because 0.8 x 0.5 = 0.4. The capacitance of
specialty polymer capacitors may change depending on the operating frequency. Consult capacitor
manufacturers for specific characteristics.
Light-Load Operation
In auto-skip mode, the TPS51916 SMPS control logic automatically reduces its switching frequency to improve
light-load efficiency. To achieve this intelligence, a zero cross detection comparator is used to prevent negative
inductor current by turning off the low-side MOSFET. Equation 4 shows the boundary load condition of this skip
mode and continuous conduction operation.
(4)
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com