データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDMS8670AS データシート(PDF) 26 Page - Texas Instruments

部品番号 FDMS8670AS
部品情報  Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

FDMS8670AS データシート(HTML) 26 Page - Texas Instruments

Back Button FDMS8670AS Datasheet HTML 22Page - Texas Instruments FDMS8670AS Datasheet HTML 23Page - Texas Instruments FDMS8670AS Datasheet HTML 24Page - Texas Instruments FDMS8670AS Datasheet HTML 25Page - Texas Instruments FDMS8670AS Datasheet HTML 26Page - Texas Instruments FDMS8670AS Datasheet HTML 27Page - Texas Instruments FDMS8670AS Datasheet HTML 28Page - Texas Instruments FDMS8670AS Datasheet HTML 29Page - Texas Instruments FDMS8670AS Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
TPS51916
SLUSAE1D – DECEMBER 2010 – REVISED JUNE 2012
www.ti.com
output capacitor(s), VTTGND, GND and PGND pins should be connected to system GND plane near the
device as shown in Figure 41.
•
Because the TPS51916 controls output voltage referring to voltage across VOUT capacitor, VDDQSNS
should be connected to the positive node of VOUT capacitor using different trace from that for VLDOIN.
Remember that this sensing potential is the reference voltage of VTTREF. Avoid any noise generative lines.
GND pin refers to the negative node of VOUT capacitor.
•
Connect the overcurrent setting resistor from TRIP pin to GND pin and make the connections as close as
possible to the device to avoid coupling from a high-voltage switching node.
•
Connect the frequency and mode setting resistor from MODE pin to GND pin ground, and make the
connections as close as possible to the device to avoid coupling from a high-voltage switching node.
•
Connections from gate drivers to the respective gate of the high-side or the low-side MOSFET should be as
short as possible to reduce stray inductance. Use 0.65 mm (25 mils) or wider trace and via(s) of at least 0.5
mm (20 mils) diameter along this trace.
•
The PCB trace defined as SW node, which connects to the source of the high-side MOSFET, the drain of the
low-side MOSFET and the high-voltage side of the inductor, should be as short and wide as possible.
•
VLDOIN should be connected to VOUT with short and wide traces. An input bypass capacitor should be
placed as close as possible to the pin with short and wide connections. The negative node of the capacitor
should be connected to system GND plane.
•
The output capacitor for VTT should be placed close to the pins with a short and wide connection in order to
avoid additional ESR and/or ESL of the trace.
•
VTTSNS should be connected to the positive node of the VTT output capacitor(s) using a separate trace from
the high-current power line. When remote sensing is required attach the output capacitor(s) at that point.
Also, it is recommended to minimize any additional ESR and/or ESL of ground trace between GND pin and
the output capacitor(s).
•
Consider adding a low pass filter (LPF) at VTTSNS in case the ESR of the VTT output capacitor(s) is larger
than 2 m
Ω.
•
In order to effectively remove heat from the package, prepare a thermal land and solder to the package
thermal pad. Wide trace of the component-side copper, connected to this thermal land, helps heat spreading.
Numerous vias with a 0.3-mm diameter connected from the thermal land to the internal/solder-side ground
plane(s) should be used to help dissipation. The thermal land can be connected to either AGND or PGND but
is recommended to be connected to PGND, the system GND plane(s), which has better heat radiation.
26
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com