| データシートサーチシステム |
|
MFRC63002R データシート(PDF) 27 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MFRC63002R データシート(HTML) 27 Page - NXP Semiconductors |
|
27 / 118 page ![]() MFRC630 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet COMPANY PUBLIC Rev. 3.1 — 6 September 2012 227531 27 of 118 NXP Semiconductors MFRC630 Contactless reader IC Refer to the MFRC630 BSDL file. 8.4.6.9 Boundary Scan Description Language (BSDL) All of the boundary scan devices have a unique boundary structure which is necessary to know for operating the device. Important components of this language are: • available test bus signal • compliance pins • command register • data register • boundary scan structure (number and types of the cells, their function and the connection to the pins.) The MFRC630 is using the cell BC_8 for the IO-Lines. The I2C Pin is using a BC_4 cell. For all pad enable lines the cell BC1 is used. The manufacturer's identification is 02Bh. • attribute IDCODEISTER of MFRC630: entity is "0001" and -- version • "0011110010000010b" and -- part number (3C82h) • "00000010101b" and -- manufacturer (02Bh) • "1b"; -- mandatory The user code data is coded as followed: • product ID (3 bytes) • version These four bytes are stored as the first four bytes in the EEPROM. 13 BC_1 - Control 12 BC_8 IF0 Bidir 11 BC_1 - Control 10 BC_8 IF1 Bidir 9 BC_1 - Control 8BC_8 IF2 Bidir 7 BC_1 IF2 Output2 6BC_4 IF3 Bidir 5 BC_1 - Control 4 BC_8 IRQ Bidir 3 BC_1 - Control 2 BC_8 SIGIN Bidir 1 BC_1 - Control 0 BC_8 SIGOUT Bidir Table 18. Boundary scan path of the MFRC630 Number (decimal) Cell Port Function |