| データシートサーチシステム |
|
MFRC63002R データシート(PDF) 74 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MFRC63002R データシート(HTML) 74 Page - NXP Semiconductors |
|
74 / 118 page ![]() MFRC630 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet COMPANY PUBLIC Rev. 3.1 — 6 September 2012 227531 74 of 118 NXP Semiconductors MFRC630 Contactless reader IC 9.7.2.13 T2CounterValHi High byte of the counter register of Timer2. 9.7.2.14 T2CounterValLoReg Low byte of the current value of Timer 2. 9.7.2.15 T3Control Control register of the Timer 3. Table 94. T2ReloadLo bits Bit Symbol Description 7 to 0 T2ReloadLo Defines the low byte of the reload value of the Timer2. With the start event the timer load the value of the T2ReloadValHi and T2RelaodVaLo. Changing this register affects the timer only at the next start event. Table 95. T2CounterValHi register (address 1Ch) Bit 7 6 5 4 3 2 1 0 Symbol T2CounterHi Access rights dy Table 96. T2CounterValHi bits Bit Symbol Description 7 to 0 T2Counter ValHi High byte current counter value of Timer2. This value shall not be read out during reception. Table 97. T2CounterValLo register (address 1Dh) Bit 7 6 5 4 3 2 1 0 Symbol T2CounterValLo Access rights dy Table 98. T2CounterValLo bits Bit Symbol Description 7to 0 T2Counter ValLo Low byte of the current counter value of Timer1Timer2. This value shall not be read out during reception. Table 99. T3Control register (address 1Eh) Bit 7 6 5 4 3 2 1 0 Symbol T3StopRx - T3Start T3AutoRestart - T3Clk Access rights r/w RFU r/w r/w RFU r/w |