| データシートサーチシステム |
|
TNETE2008PBE データシート(PDF) 22 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETE2008PBE データシート(HTML) 22 Page - Texas Instruments |
|
22 / 33 page ![]() TNETE2008 OctalPHY EIGHT 10BASE-T PHYSICAL-LAYER INTERFACES SPWS042B – DECEMBER 1997 – REVISED JUNE 1998 22 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating conditions (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VOH High-level output voltage IOH = MAX 2.4 V VOL Low-level output voltage IOL = MAX 0.5 V IOZ High-impedance current ±10 µA IIH High-level output current VIN = MAX ±10 µA IIL Low-level output current VIN = GND ±10 µA IDD Supply current VDD = MAX See Note 4 110 125 mA IDD Supply current VDD = MAX See Note 5 220 280 mA Cdin Digital inputs 1.5 pF Cdout Digital outputs 1 pF Clsel LED select outputs (LSELxx) 3.5 pF Clstat LED status outputs 10 pF Cjin JTAG inputs 2.5 pF Cjout JTAG outputs 3 pF NOTES: 4. Full-duplex mode, while transmitting and receiving maximum data packet size with correct line termination and minimum interframe gaps. This is a per-port value. 5. Full-duplex mode, valid link on all PHYs, and no data activity. This is total device value. oscillator requirements MIN NOM MAX UNIT CLK frequency 20 MHz CLK frequency error –100 100 ppm CLK duty cycle 40 60 % VOH 2 VDD V Trise, Tfall (see Note 6) 6 ns NOTE 6: Measured at 10%–90% transistion low-to-high or high-to-low points operating characteristics over recommended operating conditions clock sync delay (see Figure 10) NO. PARAMETER MIN MAX UNIT 1 td(IFSYNC) Delay time from IFCLK ↑ to IFSYNC state change –2 10 ns 1 IFCLK (output) IFSYNC (output) 1 Figure 10. Clock Sync Delay |