データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TNETE2008PBE データシート(PDF) 25 Page - Texas Instruments

部品番号 TNETE2008PBE
部品情報  OctalPHY EIGHT 10BASE-T PHYSICAL-LAYER INTERFACES
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2008PBE データシート(HTML) 25 Page - Texas Instruments

Back Button TNETE2008PBE Datasheet HTML 21Page - Texas Instruments TNETE2008PBE Datasheet HTML 22Page - Texas Instruments TNETE2008PBE Datasheet HTML 23Page - Texas Instruments TNETE2008PBE Datasheet HTML 24Page - Texas Instruments TNETE2008PBE Datasheet HTML 25Page - Texas Instruments TNETE2008PBE Datasheet HTML 26Page - Texas Instruments TNETE2008PBE Datasheet HTML 27Page - Texas Instruments TNETE2008PBE Datasheet HTML 28Page - Texas Instruments TNETE2008PBE Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
TNETE2008
OctalPHY
EIGHT 10BASE-T PHYSICAL-LAYER INTERFACES
SPWS042B – DECEMBER 1997 – REVISED JUNE 1998
25
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
LED drive timing
To sample this interface, count 32 clocks from the falling edge of RESET, and take samples every 32 clocks
(1600 ns) thereafter. Sampling is shown in Table 2.
LED drive (see Figure 14)
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
td(Sample X)
Delay time from RESET
↓ to S0 active
625
750
ns
2
tw(Sample X)
Pulse duration (see Notes 12 and 13)
1600
ns
NOTES: 12. LED interface runs synchronously to CLK signal, 32 clocks/sample at constant numbers of CLK periods. Phase of CLK, relative to
LSEL transitions, is not controlled.
13. Active low for odd channels and active high for even channels
2
2
RESET
(input)
LSEL 0,2,4,6
LSEL 1,3,5,7
(outputs)
1
CLK
32 Clocks
32 Clocks
Sample 0
Sample 1
Figure 14. LED Drive Timing
Table 2. LED Drive Timing
SAMPLE
(SEE NOTE 14)
LSEL0,1
LSEL2,3
LSEL4,5
LSEL6,7
0
link1
link3
link5
link7
1
active0
active2
active4
active6
2
dupcol0
dupcol2
dupcol4
dupcol6
3
link0
link2
link4
link6
4
active1
active3
active5
active7
5
dupcol1
dupcol3
dupcol5
dupcol7
6
(same as sample 0)
link1
link3
link5
link7
7
(same as sample 1)
active0
active2
active4
active6
NOTE 14: In general, sample (n) = sample (n + 6), sample (n – 6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33