| データシートサーチシステム |
|
TNETX4090GGP データシート(PDF) 6 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX4090GGP データシート(HTML) 6 Page - Texas Instruments |
|
6 / 78 page ![]() TNETX4090 ThunderSWITCH II™ 9-PORT 100-/1000-MBIT/S ETHERNET™ SWITCH SPWS044E – DECEMBER 1997 – REVISED AUGUST 1999 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Table 2. Signal-to-Ball Mapping (Signal Names Sorted Alphabetically) (Continued) SIGNAL NAME BALL NO. SIGNAL NAME BALL NO. SIGNAL NAME BALL NO. SIGNAL NAME BALL NO. SIGNAL NAME BALL NO. RESET SAD0 SAD1 SCS SDATA0 SDATA1 SDATA2 SDATA3 SDATA4 SDATA5 SDATA6 SDATA7 M23 AF22 AE22 AD22 AF20 AE20 AD20 AC20 AF21 AE21 AD21 AC21 SDMA SINT SRDY SRNW SRXRDY STXRDY TCLK TDI TDO TMS TRST VDD(2.5) AF24 AF19 AF23 AC22 AE23 AD23 L24 M24 L23 M25 L25 B2 VDD(2.5) VDD(2.5) VDD(2.5) VDD(2.5) VDD(2.5) VDD(2.5) VDD(2.5) VDD(2.5) VDD(2.5) VDD(2.5) VDD(2.5) VDD(2.5) B25 C3 C24 D4 D9 D14 D18 D23 J4 J23 N4 P23 VDD(2.5) VDD(2.5) VDD(2.5) VDD(2.5) VDD(2.5) VDD(2.5) VDD(2.5) VDD(2.5) VDD(2.5) VDD(2.5) VDD(2.5) VDD(3.3) V4 V23 AC4 AC9 AC13 AC18 AC23 AD3 AD24 AE2 AE25 D8 VDD(3.3) VDD(3.3) VDD(3.3) VDD(3.3) VDD(3.3) VDD(3.3) VDD(3.3) VDD(3.3) VDD(3.3) VDDa(2.5) D13 D17 H23 K4 P4 W4 AC10 AC14 AC19 T23 |