データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SST30VR021 データシート(PDF) 6 Page - Silicon Storage Technology, Inc

部品番号 SST30VR021
部品情報  2 Mbit ROM 1 Mbit / 2Mbit / 256 Kbit SRAM ROM/RAM Combo
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SST [Silicon Storage Technology, Inc]
ホームページ  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST30VR021 データシート(HTML) 6 Page - Silicon Storage Technology, Inc

Back Button SST30VR021 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST30VR021 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST30VR021 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST30VR021 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST30VR021 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST30VR021 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST30VR021 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST30VR021 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST30VR021 Datasheet HTML 10Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Data Sheet
2 Mbit ROM + 1 Mbit / 2Mbit / 256 Kbit SRAM
ROM/RAM Combo
SST30VR021 / SST30VR022 / SST30VR023
©2001 Silicon Storage Technology, Inc.
S71135-02-000
4/01
380
FIGURE 5: ROM READ CYCLE TIMING DIAGRAM (ROMCS# & OE# CONTROLLED)
TRC
TAA
TCO
TLZ(2)
TOHZ(1)
TOH
THZ(1,2)
Data Valid
380 ILL F03.0
Data Out
OE#
ROMCS#
High-Z
Address
TOE
TOLZ
Notes: 1. THZ and TOHZ are defined as the time at which the outputs achieve the open circuit condition
and are referenced to the VOH or VOL.
2. At any given temperature and voltage condition THZ(max) is less than TLZ(min) both for a given
device and from device to device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12