| データシートサーチシステム |
|
SL3ICS1002 データシート(PDF) 32 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL3ICS1002 データシート(HTML) 32 Page - NXP Semiconductors |
|
32 / 56 page ![]() 139036 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet COMPANY PUBLIC Rev. 3.6 — 10 March 2011 139036 32 of 56 NXP Semiconductors SL3ICS1002/1202 UCODE G2XM and G2XL 15.2 Sessions, selected and inventoried flags Session, Selected and Inventory Flags are according the EPCglobal standard. For a description refer to Section 18, Ref. 1, section 6.3.2.3. 15.2.1 G2X States and slot counter For a description refer to Section 18, Ref. 1, section 6.3.2.4. 15.2.2 G2X State Diagram The tag state are according the EPCglobal standard please refer to: Section 18, Ref. 1, section 6.3.2.4 Tag states and slot counter. A detailed tag state diagram is shown in Section 18, Ref. 1, figure 6.19. Refer also to Section 18, Ref. 1, Annex B for the associated state-transition tables and to Section 18, Ref. 1, Annex C for the associated command-response tables. 15.3 Managing tag populations For a detailed description on how to manage an UCODE G2X tag populations refer to Section 18, Ref. 1, chapter 6.3.2.6. 15.4 Selecting tag populations For a detailed description of the UCODE G2X tag population selection process refer to Section 18, Ref. 1, section 6.3.2.7. 15.5 Inventorying tag populations For a detailed description on accessing individual tags based on the UCODE G2X refer to Section 18, Ref. 1, section 6.3.2.8. 15.6 Accessing individual tags For a detailed description on accessing individual tags based on the UCODE G2X refer to Section 18, Ref. 1, section 6.3.2.9. An example inventory and access of a single UCODE G2X tag is shown in Section 18, Ref. 1, Annex E.1. 15.7 Interrogator commands and tag replies For a detailed description refer to Section 18, Ref. 1, section 6.3.2.10. 15.7.1 Commands An overview of interrogator to tag commands is located in Section 18, Ref. 1, Table 6.16. Note that all mandatory commands are implemented on the G2X according to the standard. Additionally the optional command Access is supported by the G2X (for details refer to Section 15.11 “Optional Access Command”). Besides also custom commands are implemented on the G2X (for details refer to Section 15.12 “Custom Commands”. |