データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL3S1002AC2 データシート(PDF) 32 Page - NXP Semiconductors

部品番号 SL3S1002AC2
部品情報  512-bit user memory (G2XM only)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3S1002AC2 データシート(HTML) 32 Page - NXP Semiconductors

Back Button SL3S1002AC2 Datasheet HTML 28Page - NXP Semiconductors SL3S1002AC2 Datasheet HTML 29Page - NXP Semiconductors SL3S1002AC2 Datasheet HTML 30Page - NXP Semiconductors SL3S1002AC2 Datasheet HTML 31Page - NXP Semiconductors SL3S1002AC2 Datasheet HTML 32Page - NXP Semiconductors SL3S1002AC2 Datasheet HTML 33Page - NXP Semiconductors SL3S1002AC2 Datasheet HTML 34Page - NXP Semiconductors SL3S1002AC2 Datasheet HTML 35Page - NXP Semiconductors SL3S1002AC2 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
139036
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.6 — 10 March 2011
139036
32 of 56
NXP Semiconductors
SL3ICS1002/1202
UCODE G2XM and G2XL
15.2 Sessions, selected and inventoried flags
Session, Selected and Inventory Flags are according the EPCglobal standard. For a
description refer to Section 18, Ref. 1, section 6.3.2.3.
15.2.1 G2X States and slot counter
For a description refer to Section 18, Ref. 1, section 6.3.2.4.
15.2.2 G2X State Diagram
The tag state are according the EPCglobal standard please refer to: Section 18, Ref. 1,
section 6.3.2.4 Tag states and slot counter.
A detailed tag state diagram is shown in Section 18, Ref. 1, figure 6.19. Refer also to
Section 18, Ref. 1, Annex B for the associated state-transition tables and to Section 18,
Ref. 1, Annex C for the associated command-response tables.
15.3 Managing tag populations
For a detailed description on how to manage an UCODE G2X tag populations refer to
Section 18, Ref. 1, chapter 6.3.2.6.
15.4 Selecting tag populations
For a detailed description of the UCODE G2X tag population selection process refer to
Section 18, Ref. 1, section 6.3.2.7.
15.5 Inventorying tag populations
For a detailed description on accessing individual tags based on the UCODE G2X refer to
Section 18, Ref. 1, section 6.3.2.8.
15.6 Accessing individual tags
For a detailed description on accessing individual tags based on the UCODE G2X refer to
Section 18, Ref. 1, section 6.3.2.9.
An example inventory and access of a single UCODE G2X tag is shown in Section 18,
Ref. 1, Annex E.1.
15.7 Interrogator commands and tag replies
For a detailed description refer to Section 18, Ref. 1, section 6.3.2.10.
15.7.1 Commands
An overview of interrogator to tag commands is located in Section 18, Ref. 1, Table 6.16.
Note that all mandatory commands are implemented on the G2X according to the
standard. Additionally the optional command Access is supported by the G2X (for details
refer to Section 15.11 “Optional Access Command”). Besides also custom commands are
implemented on the G2X (for details refer to Section 15.12 “Custom Commands”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56