データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL3S1002AC2 データシート(PDF) 35 Page - NXP Semiconductors

部品番号 SL3S1002AC2
部品情報  512-bit user memory (G2XM only)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3S1002AC2 データシート(HTML) 35 Page - NXP Semiconductors

Back Button SL3S1002AC2 Datasheet HTML 31Page - NXP Semiconductors SL3S1002AC2 Datasheet HTML 32Page - NXP Semiconductors SL3S1002AC2 Datasheet HTML 33Page - NXP Semiconductors SL3S1002AC2 Datasheet HTML 34Page - NXP Semiconductors SL3S1002AC2 Datasheet HTML 35Page - NXP Semiconductors SL3S1002AC2 Datasheet HTML 36Page - NXP Semiconductors SL3S1002AC2 Datasheet HTML 37Page - NXP Semiconductors SL3S1002AC2 Datasheet HTML 38Page - NXP Semiconductors SL3S1002AC2 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
139036
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.6 — 10 March 2011
139036
35 of 56
NXP Semiconductors
SL3ICS1002/1202
UCODE G2XM and G2XL
15.10 Mandatory Access Commands
Access commands are used to read or write data from or to the G2X memory. For a
detailed description of the mandatory Access command refer to Section 18, Ref. 1,
section 6.3.2.10.
15.10.1 REQ_RN
Access commands are used to read or write data from or to the G2X memory. For a
detailed description of the mandatory Access command refer to Section 18, Ref. 1,
section 6.3.2.10.
15.10.2 READ
For a detailed description of the mandatory Req_RN command refer to Section 18, Ref. 1,
section 6.3.2.10.
15.10.3 WRITE
For a detailed description of the mandatory Write command refer to Section 18, Ref. 1,
section 6.3.2.10.
15.10.4 KILL
For a detailed description of the mandatory Kill command refer to Section 18, Ref. 1,
section 6.3.2.10.
15.10.5 LOCK
For a detailed description of the mandatory Lock command refer to Section 18, Ref. 1,
section 6.3.2.10.
15.11 Optional Access Command
15.11.1 Access
For a detailed description of the optional Access command refer to Section 18, Ref. 1,
section 6.3.2.10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56