| データシートサーチシステム |
|
POE240U-4UP-N-R データシート(PDF) 18 Page - Phihong USA Inc. |
|
|
|||||||||||||||||||||||||||||
POE240U-4UP-N-R データシート(HTML) 18 Page - Phihong USA Inc. |
|
18 / 45 page ![]() Phihong USA Corporation • 47800 Fremont Blvd. Fremont, CA 94538 • Tel: 1.510.445.0100 Fax: 1.510.445.1678 www.phihong.com or www.midspans.com -18- 3 Midspan Monitoring and Control - HTTP Protocol Use Cat5e cables or better to connect both PC and Midspans to the network as follows: Figure 18: Management Set-up Diagram 3.1 Port Control Webpage Enter the hostname in the address bar of your internet browser (The default value of hostname is phihong-xxxxxx, where xxxxxx is the last 6 letters of the Midspan’s MAC address found on the midspan’s label), then enter the username and password in the login screen. The default username and password are both “admin”. Users should note that when creating their new username and password both are case sensitive. The Port Control Webpage will be displayed as follows: Figure 19: Port Control Webpage |