| データシートサーチシステム |
|
POE240U-4UP-N-R データシート(PDF) 22 Page - Phihong USA Inc. |
|
|
|||||||||||||||||||||||||||||
POE240U-4UP-N-R データシート(HTML) 22 Page - Phihong USA Inc. |
|
22 / 45 page ![]() Phihong USA Corporation • 47800 Fremont Blvd. Fremont, CA 94538 • Tel: 1.510.445.0100 Fax: 1.510.445.1678 www.phihong.com or www.midspans.com -22- Configure network settings: WARNING: Only the network administrator is allowed to perform this configuration. Network settings on your midspan can be re-configured. Users can choose DHCP, where the midspan will be automatically assigned an IP address by the network. The alternative option is to choose Static which allowing the user to customize the IP address, IP Subnet Mask, Default Gateway, Primary DNS and Secondary DNS. Users need to be aware that any incorrect settings will cause your midspan to lose a valid network connection or may upset your network’s normal operation. Figure 21: Network Settings Webpage After clicking the Save button, a Reboot page (shown below) will be displayed to inform the user that the Midspan needs to reboot in order to update for the new settings. The Reboot webpage will also display instructions regarding reconnection. |