| データシートサーチシステム |
|
TLC320AD56 データシート(PDF) 25 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC320AD56 データシート(HTML) 25 Page - Texas Instruments |
|
25 / 42 page ![]() 3–5 DOUT DOUT DAC Data ADC Data DIN ADC Data DAC Data ADC Data ADC Data All Bits 0 16 SCLKs 16 SCLKs 16 SCLKs FS FC Communication Frame 1 (CF1) (CF2) Software FC Bit See Note A D15-D1 D0 = 0 D15-D1 D0 = 1 0 (Secondary Read) (Secondary Read or Write) (Secondary Write) Primary Secondary Primary No Secondary Request 64 FCLKs 64 FCLKs 32 FCLKs Register Data 8 SCLKs Secondary Update NOTE A: For a read cycle, the last 8 bits are do-not-care bits. Figure 3–4. Software FC Secondary Request (Phone Mode Disabled) Table 3–3 shows the secondary communications format. D13 is the read/not-write (R/W) bit. D12–D8 are address bits. The register map is specified in the register set section in Appendix A. D7–D0 are data bits. The data bits are the new values for the specified register addressed by D12–D8. Table 3–3. Secondary Communication Data Format D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 –– –– R/W A A A A A D D D D D D D D |