| データシートサーチシステム |
|
CXD3003 データシート(PDF) 131 Page - Sony Corporation |
|
|
|||||||||||||||||||||||||||||
CXD3003 データシート(HTML) 131 Page - Sony Corporation |
|
131 / 137 page ![]() – 131 – CXD3003R FCS Servo Gain Normal; Fs = 88.2kHz, during quasi double accuracy (Ex.: $3EAXX0) K0D K0C 80H K10 Z–1 K0B Z–1 7FH K0A 81H Z–1 M04 M03 2–7 2–7 M05 M06 Z–1 K11 K13 K0F FCS Hold Reg 1 FCS AUTO Gain FCS PWM 27 FCS SRCH M07 2–1 K06 AGFON K06 DFCT FCS Hold Reg 2 FCS In Reg Sin ROM K08 K09 2–7 2–7 K0E 2–7 ∗ ∗ ∗ ∗ 81H, 7FH and 80H are each Hex display 8-bit fixed values when set to quasi double accuracy. Note) Set the MSB bit of the K0B and K0D coefficients during normal operation, and of the K08, K09 and K0E coefficients during quasi double accuracy to 0. FCS Servo Gain Down; Fs = 88.2kHz, during quasi double accuracy (Ex.: $3E5XX0) K29 K28 80H K2C Z–1 K27 Z–1 7FH K26 81H Z–1 M04 M03 2–7 2–7 M05 M06 Z–1 K2D K13 K2B FCS Hold Reg 1 FCS AUTO Gain FCS PWM 27 FCS SRCH M07 2–1 K06 DFCT FCS Hold Reg 2 FCS In Reg K24 K25 2–7 2–7 K2A 2–7 ∗ ∗ ∗ ∗ 81H, 7FH and 80H are each Hex display 8-bit fixed values when set to quasi double accuracy. Note) Set the MSB bit of the K27 and K29 coefficients during normal operation, and of the K24, K25 and K2A coefficients during quasi double accuracy to 0. |