| データシートサーチシステム |
|
CXD3003 データシート(PDF) 35 Page - Sony Corporation |
|
|
|||||||||||||||||||||||||||||
CXD3003 データシート(HTML) 35 Page - Sony Corporation |
|
35 / 137 page ![]() – 35 – CXD3003R ∗ See mute conditions (1), (2), and (4) to (6) under $AX commands for other mute conditions. MD2 Other mute conditions∗ DOUT Mute D.out Mute F DOUT output OFF 0dB – ∞dB 0dB – ∞dB 0dB 0dB – ∞dB DA output for 48-bit slot DA output for 64-bit slot 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 Command Data 1 MODE specification CD- ROM DOUT Mute DOUT Mute-F WSEL D23 D22 D21 D20 Data 2 VCO SEL1 ASHS SOCT VCO SEL2 D19 D18 D17 D16 $8X commands Command bit DOUT Mute = 1 DOUT Mute = 0 When Digital Out is on (MD2 pin = 1), DOUT output is muted. When Digital Out is on, DOUT output is not muted. Processing Command bit D. out Mute F = 1 D. out Mute F = 0 When Digital Out is on (MD2 pin = 1), DA output is muted. DA output mute is not affected when Digital Out is either on or off. Processing Command bit CDROM = 1 CDROM = 0 C2PO timing 1-3 1-3 CDROM mode; average value interpolation and pre-value hold are not performed. Audio mode; average value interpolation and pre-value hold are performed. Processing – ∞dB 0dB – ∞dB 0dB – ∞dB |