データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AST20S データシート(PDF) 14 Page - Advanced Semiconductor Business Inc.

部品番号 AST20S
部品情報  High Gain, Low Noise Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ASB [Advanced Semiconductor Business Inc.]
ホームページ  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AST20S データシート(HTML) 14 Page - Advanced Semiconductor Business Inc.

Back Button AST20S Datasheet HTML 10Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 11Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 12Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 13Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 14Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 15Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 16Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 17Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 18Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
14/33
ASB Inc.
· sales@asb.co.kr · Tel: +82-42-528-7223
August 2012
AST20S
High Gain, Low Noise Amplifier
1) OIP3 is measured with two tones at an output power of +0dBm/tone separated by 1MHz.
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Power Gain
Gp
F = 2.5 GHz
11
dB
Noise Figure
NF
F = 2.5 GHz
0.9
dB
Input Return Loss
RLin
F = 2.5 GHz
-10
dB
Output Return Loss
RLout
F = 2.5 GHz
-14
dB
1 dB Gain Compression
Output Power
Po(1dB)
F = 2.5 GHz
15
dBm
3
rd Intercept Point
Output Power
1)
OIP3
F = 2.5 GHz
29.5
dBm
Circuit Current
Icc
F = 2.5 GHz
Non-RF
20
mA
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
2500 MHz
+3.3 V
Board Layout (FR4, 23x13 mm
2, 0.8T)
Note: 1) the length of the strip line P1 is given as below at
the PCB with Er = 4.5 and T = 0.8 mm.
*P1 Length: 2.5 mm, Width: 0.3 mm
2) Gain and S11 are in trade-off and varied with the length of P1
Bottom
Top
C1=5 pF
C2=10 pF
RF OUT
AST20S
C3=10 nF
RF IN
L2=10 nH
*P1
R1=750
W
C4=1 uF
*P1
VDD
R2=5.1 k
W
L1=8.2 nH
R3=33
W
2000
2200
2400
2600
2800
3000
-30
-20
-10
0
10
20
30
S12
S22
S11
S21
Frequency [MHz]
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)
S11
S22
freq (2.000GHz to 3.000GHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com