データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISO8200B データシート(PDF) 24 Page - STMicroelectronics

部品番号 ISO8200B
部品情報  Galvanic isolated octal high-side smart power solid state relay
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO8200B データシート(HTML) 24 Page - STMicroelectronics

Back Button ISO8200B Datasheet HTML 20Page - STMicroelectronics ISO8200B Datasheet HTML 21Page - STMicroelectronics ISO8200B Datasheet HTML 22Page - STMicroelectronics ISO8200B Datasheet HTML 23Page - STMicroelectronics ISO8200B Datasheet HTML 24Page - STMicroelectronics ISO8200B Datasheet HTML 25Page - STMicroelectronics ISO8200B Datasheet HTML 26Page - STMicroelectronics ISO8200B Datasheet HTML 27Page - STMicroelectronics ISO8200B Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
Power section
ISO8200B
24/33
Doc ID 023802 Rev 1
7
Power section
7.1
Current limitation
The current limitation process is activated when the current sense connected on the output
stage measures a current value, which is higher than a fixed threshold.
When this condition is verified the gate voltage is modulated to avoid output current
increasing over the limitation value.
Figure 16 shows typical output current waveforms with different load conditions.
Figure 16.
Current limitation with different load conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33