データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STA321MPL データシート(PDF) 37 Page - STMicroelectronics

部品番号 STA321MPL
部品情報  Scalable digital microphone processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL データシート(HTML) 37 Page - STMicroelectronics

Back Button STA321MPL Datasheet HTML 33Page - STMicroelectronics STA321MPL Datasheet HTML 34Page - STMicroelectronics STA321MPL Datasheet HTML 35Page - STMicroelectronics STA321MPL Datasheet HTML 36Page - STMicroelectronics STA321MPL Datasheet HTML 37Page - STMicroelectronics STA321MPL Datasheet HTML 38Page - STMicroelectronics STA321MPL Datasheet HTML 39Page - STMicroelectronics STA321MPL Datasheet HTML 40Page - STMicroelectronics STA321MPL Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
STA321MP
Registers
Doc ID 022647 Rev 1
37/50
7.2.38
Channel 7 and 8 output timing (0x36)
The centering of the individual channel PWM output periods can be adjusted by the output
timing registers. PWM slot settings can be chosen to ensure that pulse transitions do not
occur at the same time on different channels using the same power device. There are 8
possible settings, the appropriate setting varies based on the application and connections to
the FFX power devices.
7.2.39
Channel I2S output mapping channels 1 and 2 (0x37)
7.2.40
Channel I2S output mapping channels 3 and 4 (0x38)
7.2.41
Channel I2S output mapping channels 5 and 6 (0x39)
D7
D6
D5
D4
D3
D2
D1
D0
C8OT2
C8OT1
C8OT0
C7OT2
C7OT1
C7OT0
11
1
011
CnOT[2:0]
PWM slot
000
1
001
2
010
3
011
4
100
5
101
6
110
7
111
8
D7
D6
D5
D4
D3
D2
D1
D0
C2OM2
C2OM1
C2OM0
C1OM2
C1OM1
C1OM0
00
1
000
D7
D6
D5
D4
D3
D2
D1
D0
C4OM2
C4OM1
C4OM0
C3OM2
C3OM1
C3OM0
01
1
010
D7
D6
D5
D4
D3
D2
D1
D0
C6OM2
C6OM1
C6OM0
C5OM2
C5OM1
C5OM0
10
1
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50