データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STA321MPL データシート(PDF) 40 Page - STMicroelectronics

部品番号 STA321MPL
部品情報  Scalable digital microphone processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL データシート(HTML) 40 Page - STMicroelectronics

Back Button STA321MPL Datasheet HTML 36Page - STMicroelectronics STA321MPL Datasheet HTML 37Page - STMicroelectronics STA321MPL Datasheet HTML 38Page - STMicroelectronics STA321MPL Datasheet HTML 39Page - STMicroelectronics STA321MPL Datasheet HTML 40Page - STMicroelectronics STA321MPL Datasheet HTML 41Page - STMicroelectronics STA321MPL Datasheet HTML 42Page - STMicroelectronics STA321MPL Datasheet HTML 43Page - STMicroelectronics STA321MPL Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 50 page
background image
Registers
STA321MP
40/50
Doc ID 022647 Rev 1
7.2.53
Coefficient a1 data register, bits 7:0 (0x45)
7.2.54
Coefficient a2 data register, bits 23:16 (0x46)
7.2.55
Coefficient a2 data register, bits 15:8 (0x47)
7.2.56
Coefficient a2 data register, bits 7:0 (0x48)
7.2.57
Coefficient b0 data register, bits 23:16 (0x49)
7.2.58
Coefficient b0 data register, bits 15:8 (0x4A)
7.2.59
Coefficient b0 data register, bits 7:0 (0x4B)
D7
D6
D5
D4
D3
D2
D1
D0
C3B7
C3B6
C3B5
C3B4
C3B3
C3B2
C3B1
C3B0
00
00
000
0
D7
D6
D5
D4
D3
D2
D1
D0
C4B23
C4B22
C4B21
C4B20
C4B19
C4B18
C4B17
C4B16
00
00
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
C4B15
C4B14
C4B13
C4B12
C4B11
C4B10
C4B9
C4B8
00
00
000
0
D7
D6
D5
D4
D3
D2
D1
D0
C4B7
C4B6
C4B5
C4B4
C4B3
C4B2
C4B1
C4B0
00
00
000
0
D7
D6
D5
D4
D3
D2
D1
D0
C5B23
C5B22
C5B21
C5B20
C5B19
C5B18
C5B17
C5B16
00
00
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
C5B15
C5B14
C5B13
C5B12
C5B11
C5B10
C5B9
C5B8
00
00
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
C5B7
C5B6
C5B5
C5B4
C5B3
C5B2
C5B1
C5B0
00
00
00
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50