データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPC564L54X データシート(PDF) 21 Page - STMicroelectronics

部品番号 SPC564L54X
部品情報  32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564L54X データシート(HTML) 21 Page - STMicroelectronics

Back Button SPC564L54X Datasheet HTML 17Page - STMicroelectronics SPC564L54X Datasheet HTML 18Page - STMicroelectronics SPC564L54X Datasheet HTML 19Page - STMicroelectronics SPC564L54X Datasheet HTML 20Page - STMicroelectronics SPC564L54X Datasheet HTML 21Page - STMicroelectronics SPC564L54X Datasheet HTML 22Page - STMicroelectronics SPC564L54X Datasheet HTML 23Page - STMicroelectronics SPC564L54X Datasheet HTML 24Page - STMicroelectronics SPC564L54X Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 160 page
background image
SPC56XL60/54
Introduction
Doc ID 15457 Rev 8
21/160
The SIU provides the following features:
●
Centralized pad control on a per-pin basis
–
Pin function selection
–
Configurable weak pull-up/down
–
Configurable slew rate control (slow/medium/fast)
–
Hysteresis on GPIO pins
–
Configurable automatic safe mode pad control
●
Input filtering for external interrupts
1.5.23
Non-Maskable Interrupt (NMI)
The non-maskable interrupt with de-glitching filter supports high-priority core exceptions.
1.5.24
Boot Assist Module (BAM)
The BAM is a block of read-only memory with hard-coded content. The BAM program is
executed only if serial booting mode is selected via boot configuration pins.
The BAM provides the following features:
●
Enables booting via serial mode (FlexCAN or LINFlex-UART)
●
Supports programmable 64-bit password protection for serial boot mode
●
Supports serial bootloading of either Power Architecture code (default) or VLE code
●
Automatic switch to serial boot mode if internal flash memory is blank or invalid
1.5.25
System Status and Configuration Module (SSCM)
The SSCM on this device features the following:
●
System configuration and status
●
Debug port status and debug port enable
●
Multiple boot code starting locations out of reset through implementation of search for
valid Reset Configuration Half Word
●
Sets up the MMU to allow user boot code to execute as either Power Architecture code
(default) or as VLE code out of flash memory
●
Triggering of device self-tests during reset phase of device boot
1.5.26
FlexCAN
The FlexCAN module is a communication controller implementing the CAN protocol
according to Bosch Specification version 2.0B. The CAN protocol was designed to be used
primarily as a vehicle serial data bus, meeting the specific requirements of this field: real-
time processing, reliable operation in the EMI environment of a vehicle, cost-effectiveness
and required bandwidth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More