データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPC564L54X データシート(PDF) 23 Page - STMicroelectronics

部品番号 SPC564L54X
部品情報  32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564L54X データシート(HTML) 23 Page - STMicroelectronics

Back Button SPC564L54X Datasheet HTML 19Page - STMicroelectronics SPC564L54X Datasheet HTML 20Page - STMicroelectronics SPC564L54X Datasheet HTML 21Page - STMicroelectronics SPC564L54X Datasheet HTML 22Page - STMicroelectronics SPC564L54X Datasheet HTML 23Page - STMicroelectronics SPC564L54X Datasheet HTML 24Page - STMicroelectronics SPC564L54X Datasheet HTML 25Page - STMicroelectronics SPC564L54X Datasheet HTML 26Page - STMicroelectronics SPC564L54X Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 160 page
background image
SPC56XL60/54
Introduction
Doc ID 15457 Rev 8
23/160
1.5.27
FlexRay
The FlexRay module provides the following features:
●
Full implementation of FlexRay Protocol Specification 2.1 Rev. A
●
64 configurable message buffers can be handled
●
Dual channel or single channel mode of operation, each as fast as 10 Mbit/s data rate
●
Message buffers configurable as transmit or receive
●
Message buffer size configurable
●
Message filtering for all message buffers based on Frame ID, cycle count, and
message ID
●
Programmable acceptance filters for receive FIFO
●
Message buffer header, status, and payload data stored in system memory (SRAM)
●
Internal FlexRay memories have error detection and correction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More