| データシートサーチシステム |
|
SPC560P60L3 データシート(PDF) 53 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC560P60L3 データシート(HTML) 53 Page - STMicroelectronics |
|
53 / 104 page ![]() SPC56xP54x, SPC56xP60x Electrical characteristics Doc ID 18340 Rev 3 53/104 Figure 7 shows the constraints of the different power supplies. VDD_HV_REG SR 3.3 V voltage regulator supply voltage —3.0 3.6 V Relative to VDD_HV_IOx VDD_HV_IOx – 0.1 VDD_HV_IOx +0.1 VDD_HV_AD SR 3.3 V ADC supply and high reference voltage —3.0 5.5 V Relative to VDD_HV_REG VDD_HV_REG – 0.1 5.5 VSS_HV_AD SR ADC ground and low reference voltage —0 0 V VDD_LV_REGCOR (3),(4) SR Internal supply voltage — — — V VSS_LV_REGCOR (3) SR Internal reference voltage — 0 0 V VDD_LV_CORx (3),(4) SR Internal supply voltage — — — V VSS_LV_CORx (3) SR Internal reference voltage — 0 0 V TA SR Ambient temperature under bias — –40 125 °C 1. Parametric figures can be out of specification when voltage drops below 4.5 V, however, guaranteeing the full functionality. In particular, ADC electrical characteristics and I/Os DC electrical specification may not be guaranteed. 2. The difference between each couple of voltage supplies must be less than 100 mV, |VDD_HV_IOy – VDD_HV_IOx | < 100 mV. 3. To be connected to emitter of external NPN. Low voltage supplies are not under user control—these are produced by an on-chip voltage regulator—but for the device to function properly the low voltage grounds (VSS_LV_xxx) must be shorted to high voltage grounds (VSS_HV_xxx) and the low voltage supply pins (VDD_LV_xxx) must be connected to the external ballast emitter. 4. The low voltage supplies (VDD_LV_xxx) are not all independent. VDD_LV_COR1 and VDD_LV_COR2 are shorted internally via double bonding connections with lines that provide the low voltage supply to the data flash memory module. Similarly, VSS_LV_COR1 and VSS_LV_COR2 are internally shorted. VDD_LV_REGCOR and VDD_LV_REGCORx are physically shorted internally, as are VSS_LV_REGCOR and VSS_LV_CORx. Table 11. Recommended operating conditions (3.3 V) (continued) Symbol Parameter Conditions Min Max(1) Unit |