データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPC564L54L5 データシート(PDF) 61 Page - STMicroelectronics

部品番号 SPC564L54L5
部品情報  32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564L54L5 データシート(HTML) 61 Page - STMicroelectronics

Back Button SPC564L54L5 Datasheet HTML 57Page - STMicroelectronics SPC564L54L5 Datasheet HTML 58Page - STMicroelectronics SPC564L54L5 Datasheet HTML 59Page - STMicroelectronics SPC564L54L5 Datasheet HTML 60Page - STMicroelectronics SPC564L54L5 Datasheet HTML 61Page - STMicroelectronics SPC564L54L5 Datasheet HTML 62Page - STMicroelectronics SPC564L54L5 Datasheet HTML 63Page - STMicroelectronics SPC564L54L5 Datasheet HTML 64Page - STMicroelectronics SPC564L54L5 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 160 page
background image
SPC56XL60/54
Package pinouts and signal descriptions
Doc ID 15457 Rev 8
61/160
F8
VDD_LV_CORE_RING
—
F9
VDD_LV_CORE_RING
—
F10
VDD_LV_CORE_RING
—
F11
VDD_LV_CORE_RING
—
F12
VDD_LV_CORE_RING
—
F14
Not connected
—
F15
C[13]
SIUL
GPIO[45]
GPIO[45]
eTimer_1
ETC[1]
ETC[1]
CTU_0
—
EXT_IN
FlexPWM_0
—
EXT_SYNC
F16
I[2]
SIUL
GPIO[130]
GPIO[130]
eTimer_2
ETC[2]
ETC[2]
DSPI_0
CS6
—
FlexPWM_1
—
FAULT[2]
F17
G[4]
SIUL
GPIO[100]
GPIO[100]
FlexPWM_0
B[2]
B[2]
eTimer_0
—
ETC[5]
G1
H[3]
SIUL
GPIO[115]
GPIO[115]
NPC
MDO[4]
—
G2
VDD_HV_IO_RING
—
G3
C[5]
SIUL
GPIO[37]
GPIO[37]
DSPI_0
SCK
SCK
SSCM
DEBUG[5]
—
FlexPWM_0
—
FAULT[3]
SIUL
—
EIRQ[23]
G4
A[6]
SIUL
GPIO[6]
GPIO[6]
DSPI_1
SCK
SCK
SIUL
—
EIRQ[6]
G6
VDD_LV_CORE_RING
—
G7
VSS_LV_CORE_RING
—
G8
VSS_LV_CORE_RING
—
G9
VSS_LV_CORE_RING
—
G10
VSS_LV_CORE_RING
—
G11
VSS_LV_CORE_RING
—
G12
VDD_LV_CORE_RING
—
Table 5.
LFBGA257 pin function summary (continued)
Pin #
Port/function
Peripheral
Output function
Input function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More