データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPC564L54L5 データシート(PDF) 37 Page - STMicroelectronics

部品番号 SPC564L54L5
部品情報  32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564L54L5 データシート(HTML) 37 Page - STMicroelectronics

Back Button SPC564L54L5 Datasheet HTML 33Page - STMicroelectronics SPC564L54L5 Datasheet HTML 34Page - STMicroelectronics SPC564L54L5 Datasheet HTML 35Page - STMicroelectronics SPC564L54L5 Datasheet HTML 36Page - STMicroelectronics SPC564L54L5 Datasheet HTML 37Page - STMicroelectronics SPC564L54L5 Datasheet HTML 38Page - STMicroelectronics SPC564L54L5 Datasheet HTML 39Page - STMicroelectronics SPC564L54L5 Datasheet HTML 40Page - STMicroelectronics SPC564L54L5 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 160 page
background image
SPC56XL60/54
Package pinouts and signal descriptions
Doc ID 15457 Rev 8
37/160
12
VDD_LV_COR
—
13
VDD_HV_IO
—
14
VSS_HV_IO
—
15
D[9]
SIUL
GPIO[57]
GPIO[57]
FlexPWM_0
X[0]
X[0]
LINFlexD_1
TXD
—
16
VDD_HV_OSC
—
17
VSS_HV_OSC
—
18
XTAL
—
19
EXTAL
—
20
RESET
—
21
D[8]
SIUL
GPIO[56]
GPIO[56]
DSPI_1
CS2
—
eTimer_1
ETC[4]
ETC[4]
DSPI_0
CS5
—
FlexPWM_0
—
FAULT[3]
22
D[5]
SIUL
GPIO[53]
GPIO[53]
DSPI_0
CS3
—
FlexPWM_0
—
FAULT[2]
23
D[6]
SIUL
GPIO[54]
GPIO[54]
DSPI_0
CS2
—
FlexPWM_0
X[3]
X[3]
FlexPWM_0
—
FAULT[1]
24
VSS_LV_PLL0_PLL1
—
25
VDD_LV_PLL0_PLL1
—
26
D[7]
SIUL
GPIO[55]
GPIO[55]
DSPI_1
CS3
—
DSPI_0
CS4
—
SWG
Analog output
—
27
FCCU_F[0]
FCCU
F[0]
F[0]
28
VDD_LV_COR
—
29
VSS_LV_COR
—
30
B[7]
SIUL
—
GPIO[23]
LINFlexD_0
—
RXD
ADC_0
—
AN[0]
Table 3.
LQFP100 pin function summary (continued)
Pin #
Port/function
Peripheral
Output function
Input function