| データシートサーチシステム |
|
SPC56EC74B3 データシート(PDF) 77 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC56EC74B3 データシート(HTML) 77 Page - STMicroelectronics |
|
77 / 118 page ![]() SPC564Bxx - SPC56ECxx Electrical Characteristics Doc ID 17478 Rev 4 77/118 Figure 12. Crystal oscillator and resonator connection scheme Note: OSC32K_XTAL/OSC32K_EXTAL must not be directly used to drive external circuits. Figure 13. lEquivalent circuit of a quartz crystal OSC32K_XTAL OSC32K_EXTAL DEVICE C2 C1 OSC32K_XTAL OSC32K_EXTAL RP DEVICE C0 C2 C1 C2 Rm C1 Lm Cm Crystal Table 37. Crystal motional characteristics(1) Symbol Parameter Conditions Value Unit Min Typ Max Lm Motional inductance — — 11.796 — KH Cm Motional capacitance — — 2 — fF C1/C2 Load capacitance at OSC32K_XTAL and OSC32K_EXTAL with respect to ground(2) — 18 — 28 pF |