データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPC56EC74B3 データシート(PDF) 41 Page - STMicroelectronics

部品番号 SPC56EC74B3
部品情報  32-bit MCU family built on the Power Architecture® for automotive body electronics applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EC74B3 データシート(HTML) 41 Page - STMicroelectronics

Back Button SPC56EC74B3 Datasheet HTML 37Page - STMicroelectronics SPC56EC74B3 Datasheet HTML 38Page - STMicroelectronics SPC56EC74B3 Datasheet HTML 39Page - STMicroelectronics SPC56EC74B3 Datasheet HTML 40Page - STMicroelectronics SPC56EC74B3 Datasheet HTML 41Page - STMicroelectronics SPC56EC74B3 Datasheet HTML 42Page - STMicroelectronics SPC56EC74B3 Datasheet HTML 43Page - STMicroelectronics SPC56EC74B3 Datasheet HTML 44Page - STMicroelectronics SPC56EC74B3 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 118 page
background image
SPC564Bxx - SPC56ECxx
Package pinouts and signal descriptions
Doc ID 17478 Rev 4
41/118
PJ[8]
PCR[152]
AF0
AF1
AF2
AF3
—
GPIO[152]
—
—
—
ADC0_S[31]
SIUL
—
—
—
ADC_0
I/O
—
—
—
I
S
Tristate
—
110
P15
PJ[9]
PCR[153]
AF0
AF1
AF2
AF3
—
GPIO[153]
—
—
—
ADC1_S[8]
SIUL
—
—
—
ADC_1
I/O
—
—
—
I
STristate
—
68
P5
PJ[10]
PCR[154]
AF0
AF1
AF2
AF3
—
GPIO[154]
—
—
—
ADC1_S[9]
SIUL
—
—
—
ADC_1
I/O
—
—
—
I
STristate
—
67
T5
PJ[11]
PCR[155]
AF0
AF1
AF2
AF3
—
GPIO[155]
—
—
—
ADC1_S[10]
SIUL
—
—
—
ADC_1
I/O
—
—
—
I
STristate
—
60
R3
PJ[12]
PCR[156]
AF0
AF1
AF2
AF3
—
GPIO[156]
—
—
—
ADC1_S[11]
SIUL
—
—
—
ADC_1
I/O
—
—
—
I
STristate
—
59
T1
PJ[13]
PCR[157]
AF0
AF1
AF2
AF3
—
—
—
—
GPIO[157]
—
CS1_7
—
CAN4RX
ADC1_S[12]
CAN1RX
WKPU[31]
SIUL
—
DSPI_7
—
FlexCAN_4
ADC_1
FlexCAN_1
WKPU
I/O
—
O
—
I
I
I
I
STristate
—
65
N5
PJ[14]
PCR[158]
AF0
AF1
AF2
AF3
GPIO[158]
CAN1TX
CAN4TX
CS2_7
SIUL
FlexCAN_1
FlexCAN_4
DSPI_7
I/O
O
O
O
M/S
Tristate
—
64
T4
Table 5.
Functional port pin descriptions (continued)
Port
pin
PCR
Function
Pin number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More