データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPC56EC74B3 データシート(PDF) 117 Page - STMicroelectronics

部品番号 SPC56EC74B3
部品情報  32-bit MCU family built on the Power Architecture® for automotive body electronics applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EC74B3 データシート(HTML) 117 Page - STMicroelectronics

Back Button SPC56EC74B3 Datasheet HTML 110Page - STMicroelectronics SPC56EC74B3 Datasheet HTML 111Page - STMicroelectronics SPC56EC74B3 Datasheet HTML 112Page - STMicroelectronics SPC56EC74B3 Datasheet HTML 113Page - STMicroelectronics SPC56EC74B3 Datasheet HTML 114Page - STMicroelectronics SPC56EC74B3 Datasheet HTML 115Page - STMicroelectronics SPC56EC74B3 Datasheet HTML 116Page - STMicroelectronics SPC56EC74B3 Datasheet HTML 117Page - STMicroelectronics SPC56EC74B3 Datasheet HTML 118Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 117 / 118 page
background image
SPC564Bxx - SPC56ECxx
Revision history
Doc ID 17478 Rev 4
117/118
01-Dec-2011
4
– Interchanged the denominator with numerator in Equation 11 of Input impedance
and ADC accuracy section
– Removed the note (All ADC conversion characteristics described in the table
below are applicable only for the precision channels. The data for semi-precision
and extended channels is awaited and same will be subsequently updated in later
revs.) in the ADC electrical characteristics section.
– Table 49 (On-chip peripherals current consumption). Replaced IDD_HV_ADC
with IDD_HV_ADC0 and IDD_HV_ADC1 values as per ADC specs
–In Table 43, the minimum sample time of ADC0 changed to 500 at 32 MHz
–In Table 43, removed the entry for sample time at 30 MHz
–In Table 44, changed TUEX to TUES and INLX to INLS (Extended channels are
not supported by the device. So, changed to standard channel.)
Revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More