| データシートサーチシステム |
|
S29GL01GS データシート(PDF) 98 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S29GL01GS データシート(HTML) 98 Page - SPANSION |
|
98 / 104 page ![]() 98 GL-S MirrorBit® Family S29GL_128S_01GS_00_06 March 16, 2012 Da ta Sh e e t 13. Ordering Information Valid Combinations The Recommended Combinations table lists configurations planned to be available in volume. The table below will be updated as new combinations are released. Consult your local sales representative to confirm availability of specific combinations and to check on newly released combinations. Notes: 1. Additional speed, package, and temperature options maybe offered in the future. Check with your local sales representative for availability. 2. Package Type 0 is standard option. Table 13.1 S29GL-S Valid Combinations S29GL-S Valid Combinations Base OPN Speed (ns) Package and Temperature Model Number Packing Type Ordering Part Number (yy = Model Number, x = Packing Type) S29GL01GS 100 DHI, FHI, TFI (Note 1) 01, 02 0, 3 (Note 2) S29GL01GS10DHIyyx S29GL01GS10FHIyyx S29GL01GS10TFIyyx 110 DHV, TFV (Note 1) 01, 02 S29GL01GS11DHVyyx S29GL01GS11TFVyyx DHI, FHI, TFI (Note 1) V1, V2 S29GL01GS11DHIyyx S29GL01GS11FHIyyx S29GL01GS11TFIyyx S29GL512S 100 DHI, FHI, GHI, TFI (Note 1) 01, 02 0, 3 (Note 2) S29GL512S10DHIyyx S29GL512S10FHIyyx S29GL512S10GHIyyx S29GL512S10TFIyyx 110 DHV, TFV (Note 1) 01, 02 S29GL512S11DHVyyx S29GL512S11TFVyyx DHI, FHI, TFI (Note 1) V1, V2 S29GL512S11DHIyyx S29GL512S11FHIyyx S29GL512S11TFIyyx S29GL256S 90 DHI, FHI, GHI, TFI (Note 1) 01, 02 0, 3 (Note 2) S29GL256S90DHIyyx S29GL256S90FHIyyx S29GL256S90GHIyyx S29GL256S90TFIyyx 100 DHV, TFV (Note 1) 01, 02 S29GL256S10DHVyyx S29GL256S10TFVyyx DHI, FHI, TFI (Note 1) V1, V2 S29GL256S10DHIyyx S29GL256S10FHIyyx S29GL256S10TFIyyx S29GL128S 90 DHI, FHI, GHI, TFI (Note 1) 01, 02 0, 3 (Note 2) S29GL128S90DHIyyx S29GL128S90FHIyyx S29GL128S90GHIyyx S29GL128S90TFIyyx 100 DHV, TFV (Note 1) 01, 02 S29GL128S10DHVyyx S29GL128S10TFVyyx DHI, FHI, TFI (Note 1) V1, V2 S29GL128S10DHIyyx S29GL128S10FHIyyx S29GL128S10TFIyyx |