データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

S29GL01GS データシート(PDF) 100 Page - SPANSION

部品番号 S29GL01GS
部品情報  GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SPANSION [SPANSION]
ホームページ  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GS データシート(HTML) 100 Page - SPANSION

Back Button S29GL01GS Datasheet HTML 96Page - SPANSION S29GL01GS Datasheet HTML 97Page - SPANSION S29GL01GS Datasheet HTML 98Page - SPANSION S29GL01GS Datasheet HTML 99Page - SPANSION S29GL01GS Datasheet HTML 100Page - SPANSION S29GL01GS Datasheet HTML 101Page - SPANSION S29GL01GS Datasheet HTML 102Page - SPANSION S29GL01GS Datasheet HTML 103Page - SPANSION S29GL01GS Datasheet HTML 104Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 100 / 104 page
background image
100
GL-S MirrorBit® Family
S29GL_128S_01GS_00_06 March 16, 2012
Da ta
Sh e e t
14. Other Resources
Visit www.spansion.com to obtain the following related documents:
14.1
Links to Software
Downloads and related information on flash device support is available at
http://www.spansion.com/Support/Pages/DriversSoftware.aspx
 Spansion low-level drivers
 Enhanced flash drivers
 Flash file system
Downloads and related information on simulation modeling and CAD modeling support is available at
http://www.spansion.com/Support/Pages/SimulationModels.aspx
 VHDL and Verilog
 IBIS
 ORCAD
14.2
Links to Application Notes
The following is a sample list of application notes related to this product. All Spansion application notes are
available at http://www.spansion.com/Support/TechnicalDocuments/Pages/ApplicationNotes.aspx
 Common Flash Interface Version 1.5 Vendor Specific Extensions
 Common Flash Memory Interface Specification
 Connecting Unused Data Lines of MirrorBit Flash
 Developing System-Level Validation Routines
 Flash Memory: An Overview
 Interfacing i.MX3x to S29GL MirrorBit NOR Flash
 Interfacing the S29GL-S to Freescale Coldfire Processor
 Interfacing Spansion GL MirrorBit Family to Freescale i.MX31 Processors
 MirrorBit Flash Memory Write Buffer Programming and Page Buffer Read
 Optimizing Program/Erase Times
 Practical Guide to Endurance and Data Retention
 Programmer’s Guide for the Spansion 65 nm GL-S Eclipse Family Architecture
 Reset Voltage and Timing Requirements for MirrorBit Flash
 Signal Integrity and Reliable Flash Operations
 Understanding AC Characteristics
 Understanding Load Capacitance and Access Time
 Understanding Page Mode Flash Memory Devices
 Using CFI to Read and Debug Systems
 Versatile IO: DQ and Enhanced
 Wear Leveling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More