データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPEAR320 データシート(PDF) 30 Page - STMicroelectronics

部品番号 SPEAR320
部品情報  Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320 データシート(HTML) 30 Page - STMicroelectronics

Back Button SPEAR320 Datasheet HTML 26Page - STMicroelectronics SPEAR320 Datasheet HTML 27Page - STMicroelectronics SPEAR320 Datasheet HTML 28Page - STMicroelectronics SPEAR320 Datasheet HTML 29Page - STMicroelectronics SPEAR320 Datasheet HTML 30Page - STMicroelectronics SPEAR320 Datasheet HTML 31Page - STMicroelectronics SPEAR320 Datasheet HTML 32Page - STMicroelectronics SPEAR320 Datasheet HTML 33Page - STMicroelectronics SPEAR320 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 73 page
background image
Pin description
SPEAr320
30/73
Doc ID 16755 Rev 5
Table 9.
DDR pin description
Signal name
Ball
Direction
Function
Pin type
DDR_MEM_ADD_0
T2
Out
Address Line
SSTL_2/SSTL_18
DDR_MEM_ADD_1
T1
DDR_MEM_ADD_2
U1
DDR_MEM_ADD_3
U2
DDR_MEM_ADD_4
U3
DDR_MEM_ADD_5
U4
DDR_MEM_ADD_6
U5
DDR_MEM_ADD_7
T5
DDR_MEM_ADD_8
R5
DDR_MEM_ADD_9
P5
DDR_MEM_ADD_10
P6
DDR_MEM_ADD_11
R6
DDR_MEM_ADD_12
T6
DDR_MEM_ADD_13
U6
DDR_MEM_ADD_14
R7
DDR_MEM_BA_0
P7
Out
Bank select
DDR_MEM_BA_1
P8
DDR_MEM_BA_2
R8
DDR_MEM_RAS
U8
Out
Row Add. Strobe
DDR_MEM_CAS
T8
Out
Col. Add. Strobe
DDR_MEM_WE
T7
Out
Write enable
DDR_MEM_CLKEN
U7
Out
Clock enable
DDR_MEM_CLKP
T9
Out
Differential clock
Differential SSTL_2/
SSTL_18
DDR_MEM_CLKN
U9
DDR_MEM_CS_0
P9
Out
Chip Select
SSTL_2/ SSTL_18
DDR_MEM_CS_1
R9
DDR_MEM_ODT_0
T3
I/O
On-Die Termination
Enable lines
DDR_MEM_ODT_1
T4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73