| データシートサーチシステム |
|
M24LR64E-R データシート(PDF) 86 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24LR64E-R データシート(HTML) 86 Page - STMicroelectronics |
|
86 / 140 page ![]() Command codes M24LR64E-R 86/140 Doc ID 022712 Rev 3 Figure 56. M24LR64E RF-Busy management following Write command MS19756V1 S O F Write command E O F S O F Ireply M24LR64E E O F 1) M24LR64E replies. RF_Busy is released after M24LR64E response. RF_Busy S O F Write command E O F E O F 2) M24LR64E replies when option flag is set. RF_Busy is released after M24LR64E response. RF_Busy Wt Wt t1 S O F Ireply M24LR64E E O F 3) VCD sends a forbidden Write (sector lock, password-protected). RF_Busy is released after M24LR64E command. S O F Write command E O F S O F Ireply M24LR64E E O F t1 RF_Busy |