| データシートサーチシステム |
|
M24LR64E-R データシート(PDF) 87 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24LR64E-R データシート(HTML) 87 Page - STMicroelectronics |
|
87 / 140 page ![]() M24LR64E-R Command codes Doc ID 022712 Rev 3 87/140 When configuring in the RF Write in progress mode, the RF WIP/BUSY pin is tied to 0 during the Write & verify sequence, as shown in Figure 57. Figure 57. M24LR64E RF-Wip management following Write command MS19762V1 S O F Write command E O F S O F Ireply M24LR64E E O F 1) M24LR64E replies. RF_Wip is released after M24LR64E response. RF_Wip S O F Write command E O F E O F 2) M24LR64E replies when option flag is set. RF_Wip is released after M24LR64E response. RF_Wip Wt Wt t1 S O F Ireply M24LR64E E O F 3) VCD sends a forbidden Write (sector lock, password-protected). RF_Wip is released after M24LR64E command. S O F Write command E O F S O F Ireply M24LR64E E O F t1 RF_Wip |