| データシートサーチシステム |
|
4256BWP データシート(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
4256BWP データシート(HTML) 20 Page - STMicroelectronics |
|
20 / 41 page ![]() Instructions M24256-BW M24256-BR M24256-BF M24256-DR M24256-DF 20/41 Doc ID 6757 Rev 28 5.2 Read operations Read operations are performed independently of the state of the Write Control (WC) signal. After the successful completion of a Read operation, the device internal address counter is incremented by one, to point to the next byte address. For the Read instructions, after each byte read (data out), the device waits for an acknowledgment (data in) during the 9th bit time. If the bus master does not acknowledge during this 9th time, the device terminates the data transfer and switches to its Standby mode. Figure 10. Read mode sequences Dev sel * Byte addr Byte addr Dev sel Data out 1 AI01105d Data out N Current Address Read Dev sel Data out Random Address Read Dev sel * Data out Sequential Current Read Data out N Dev sel * Byte addr Byte addr Sequention Random Read Dev sel * Data out1 ACK R/W NO ACK ACK R/W ACK ACK ACK R/W ACK ACK ACK NO ACK R/W NO ACK ACK ACK ACK R/W ACK ACK R/W ACK NO ACK |