データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS4913 データシート(PDF) 2 Page - SEC Electronics Inc.

部品番号 SS4913
部品情報  CMOS Omnipolar High Sensitivity Micropower Hall Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SECELECTRONICS [SEC Electronics Inc.]
ホームページ  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS4913 データシート(HTML) 2 Page - SEC Electronics Inc.

  SS4913 Datasheet HTML 1Page - SEC Electronics Inc. SS4913 Datasheet HTML 2Page - SEC Electronics Inc. SS4913 Datasheet HTML 3Page - SEC Electronics Inc. SS4913 Datasheet HTML 4Page - SEC Electronics Inc. SS4913 Datasheet HTML 5Page - SEC Electronics Inc. SS4913 Datasheet HTML 6Page - SEC Electronics Inc. SS4913 Datasheet HTML 7Page - SEC Electronics Inc. SS4913 Datasheet HTML 8Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SS4913
CMOS Omnipolar High Sensitivity Micropower Hall Switch
2
V2.00
Mayr 1, 2012
Typical Application Circuit
TSOT-23(Top View)
SEC's pole-independent sensing technique allows for operation
with either a north pole or south pole magnet orientation,
enhancing the manufacturability of the device. The
state-of-the-art technology provides the same output polarity
for either pole face.
It is strongly recommended that an external bypass capacitor be
connected (in close proximity to the Hall sensor) between the
supply and ground of the device to reduce both external noise
and noise generated by the chopper-stabilization technique.
This is especially true due to the relatively high impedance of
battery supplies.
Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8