データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS4913 データシート(PDF) 7 Page - SEC Electronics Inc.

部品番号 SS4913
部品情報  CMOS Omnipolar High Sensitivity Micropower Hall Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SECELECTRONICS [SEC Electronics Inc.]
ホームページ  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS4913 データシート(HTML) 7 Page - SEC Electronics Inc.

  SS4913 Datasheet HTML 1Page - SEC Electronics Inc. SS4913 Datasheet HTML 2Page - SEC Electronics Inc. SS4913 Datasheet HTML 3Page - SEC Electronics Inc. SS4913 Datasheet HTML 4Page - SEC Electronics Inc. SS4913 Datasheet HTML 5Page - SEC Electronics Inc. SS4913 Datasheet HTML 6Page - SEC Electronics Inc. SS4913 Datasheet HTML 7Page - SEC Electronics Inc. SS4913 Datasheet HTML 8Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SS4913
CMOS Omnipolar High Sensitivity Micropower Hall Switch
7
V2.00
Mayr 1, 2012
Unique Features
CMOS Hall IC Technology
The chopper stabilized amplifier uses switched capacitor techniques to eliminate the amplifier offset voltage, which, in bipolar
devices, is a major source of temperature sensitive drift. CMOS makes this advanced technique possible. The CMOS chip is also
much smaller than a bipolar chip, allowing very sophisticated circuitry to be placed in less space. The small chip size also
contributes to lower physical stress and less power consumption.
Installation Comments
Consider temperature coefficients of Hall IC and magnetic, as well as air gap and life time variations. Observe temperature limits
during wave soldering. Typical IR solder-reflow profile:
No Rapid Heating and Cooling.
Recommended Preheating for max. 2minutes at 150
C
Recommended Reflowing for max. 5seconds at 240
C
ESD Precautions
Electronic semiconductor products are sensitive to Electro Static Discharge (ESD). Always observe Electro Static Discharge
control procedures whenever handling semiconductor products.



Html Pages

1 2 3 4 5 6 7 8