データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

THV3056 データシート(PDF) 4 Page - THine Electronics, Inc.

部品番号 THV3056
部品情報  3ch Buck/Boost 2ch CP 1ch HVLDO 1ch LVLDO Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  THINE [THine Electronics, Inc.]
ホームページ  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THV3056 データシート(HTML) 4 Page - THine Electronics, Inc.

  THV3056 Datasheet HTML 1Page - THine Electronics, Inc. THV3056 Datasheet HTML 2Page - THine Electronics, Inc. THV3056 Datasheet HTML 3Page - THine Electronics, Inc. THV3056 Datasheet HTML 4Page - THine Electronics, Inc. THV3056 Datasheet HTML 5Page - THine Electronics, Inc. THV3056 Datasheet HTML 6Page - THine Electronics, Inc. THV3056 Datasheet HTML 7Page - THine Electronics, Inc. THV3056 Datasheet HTML 8Page - THine Electronics, Inc. THV3056 Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
THV3056_Rev.2.00_E
4/32
THine Electronics, Inc.
Copyright©2010 THine Electronics, Inc.
Pin#
Symbol
Function
Description
10
12
14
FB1
FB2
FB3
ch-1,ch-2,ch-3
error amplifier output
Ch-1,2,3 error amplifier outputs for phase compensation by connecting
resistors and capacitors between FB_1,2,3 and INV_1,2,3.
11
13
15
INV1
INV2
INV3
ch-1,ch-2,ch3 error ampli-
fier inverting input
Ch-1,2,3 error amp inverting inputs. The voltage on INV1 and INV3 are
1.2V, and INV2 is 0.85V, in the normal operation.
18
19
20
SS1
SS2
SS3
ch-1,ch-2,ch-3 soft start
Soft start pin for ch-1/2/3. Voltage at power-on is ground level. Constant
1mA current source charges capacitors connected to these pins. Soft
start time can be adjusted by external capacitors connected these pins.
On/Off control is available by connecting the external open drain ports
or PG pins.
23
24
25
DTC1
DTC2
DTC3
ch-1,ch-2,ch-3
Dead Time Control
To limit the maximum duty cycle on ch-1,2,3.
See Functional Description “DTC” for detail.
17
SS_SW
ch-1 soft start of external
PMOS switch
Ch-1 external PMOS switch for soft start.
Voltage at power-on is
ground level. Constant 1mA current source charges the capacitor con-
nected to this pin. Soft start time of PMOS transistor to VO_1SW can be
adjusted by external capacitors connected this pin. On/Off control is
available by connecting the external open drain ports or PG pins.
46
INV_VGH
VGH comparator invert-
ing input
VGH comparator inverting input.
The voltage on this pin is 1.2V in the normal operation.
48
NON_VGL
VGL comparator non-
inverting input
VGL comparator non-inverting input.
The voltage on this pin is 0V in the normal operation.
26
27
DTC_VGH
DTC_VGL
VGH
(charge pump +)control
VGL
(charge pump -)control
VGH, VHL charge pump control pins. When the input voltage is High
level, these pins are On state. Low level, Off state.
Using as charge pump, please set the duty cycle of 50%.
In PFM mode, these pin operate as DTC.
See Functional Description “DTC” for detail.
22
VREF
Reference voltage
Reference voltage of 1.2V. Connect this pin with an external capacitor
of 0.01uF for stability.
The maximum load current is 1mA.
4
SEL1
Startup sequence select
Two type of startup sequence are selectable by connecting SEL1 pin to
GND or VREG5 pin. See Functional Description “Startup Sequence”.
5
SEL2
Charge pump UVP timer latch
On/Off control
Charge pump UVP timer latch On/Off control is available by SEL2 pin.
See Functional Description “SCP” for detail.
41
V_VC
Voltage supply
for Vcom output
Voltage supply for Vcom output.
47
VGL_UVP
UVP voltage of VGL set pin
UVP voltage can be set optionally by connecting an external resistor to
this pin. Without external resistor, UVP voltage is set at 50% of the ref-
erence voltage.
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com