| データシートサーチシステム |
|
VNH7013XP-E データシート(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VNH7013XP-E データシート(HTML) 6 Page - STMicroelectronics |
|
6 / 24 page ![]() Block diagram and pin description VNH7013XP-E 6/24 Doc ID 022370 Rev 3 Table 2. Pin definitions and functions Pin number Symbol Function 1 Gate 4 Gate of the LSD 4 2, 8 Drain 4 Drain of the LSD 4 3, 4, 5, 6, 7, 9 Source 4 Source of the LSD 4 10 TSA+ Thermal sensor anode 11, 12, 14, 15, 16, 17 Source 2 Source of the HSD 2 13 Drain 2 Drain of the HSD 2 18 Gate 2 Gate of the HSD 2 19 Gate 1 Gate of the HSD 1 20, 21, 22, 23, 25, 26 Source 1 Source of the HSD 1 24 Drain 1 Drain of the HSD 1 27 TSK- Thermal sensor cathode 28, 30, 31, 32, 33, 34 Source 3 Source of the LSD 3 29, 35 Drain 3 Drain of the LSD 3 36 Gate 3 Gate of the LSD 3 |