| データシートサーチシステム |
|
VNH7013XP-E データシート(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VNH7013XP-E データシート(HTML) 9 Page - STMicroelectronics |
|
9 / 24 page ![]() VNH7013XP-E Electrical specifications Doc ID 022370 Rev 3 9/24 Table 7. Gate resistance Symbol Parameter Test condition Min. Typ. Max. Unit RG_HS Gate resistance HS VDD =15V; fgate =1 MHz —20 — Ω RG_LS Gate resistance LS — 13 — Ω Table 8. Source drain diode Symbol Parameter Test conditions Min. Typ. Max. Unit VSD (1) 1. Pulse width limited by safe operating area. Forward on voltage ISD =20A; VGS =0 V; Tj =25°C —0.9 1.1 V trr Reverse recovery time ISD = 20 A; di/dt = 100 A/µs; VDD =20V; Tj = 150 °C (see Figure 10) —50 ns Qrr Reverse recovery charge — 28 nC IRRM Reverse recovery current — 0.8 A Table 9. Switching on HSD Symbol Parameter Test conditions Min. Typ. Max. Unit td(on) Turn on delay time VDD =15V; ID =20A; RG =4.7 Ω; VGS =10V — 53 — ns tr Rise time — 319 — ns Qg Total gate charge VDD =15 V; ID =20 A; VGS =10V (see Figure 4 and Figure 9) —36 — nC Qgs Gate-source charge — 8.5 — nC Qgd Gate-drain charge — 5 — nC Table 10. Switching on LSD Symbol Parameter Test conditions Min. Typ. Max. Unit td(on) Turn on delay time VDD =15V; ID =20A; RG =4.7 Ω; VGS =10V — 53 — ns tr Rise time — 430 — ns Qg Total gate charge VDD =15V; ID =20A; VGS =10V (see Figure 5 and Figure 9) —23 — nC Qgs Gate-source charge — 6 — nC Qgd Gate-drain charge — 2.5 — nC Table 11. Switching off HSD Symbol Parameter Test conditions Min. Typ. Max. Unit td(off) Turn-off delay time VDD =15V; ID =20A; RG =4.7 Ω; VGS =10V (see Figure 11) —253 — ns tf Fall time — 169 — ns |